Part Number Hot Search : 
L7104PGC TP6N60 2SD25 81KZF 2SC3419 LTC1054 MC34114P TPM401
Product Description
Full Text Search
 

To Download 73056 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Model 73056
TNC Plug, 50 Ohm, Crimp Type, RG58, 141
CRIMP FERRULE
Materials
Center Conductor, Male: Brass, Gold Plated Connector Body: Brass, Nickel Plated Crimp Ferrule: Brass, Nickel Plated Insulators: PTFE
Specifications
Impedance: 50 Frequency Range: DC - 11GHz Contact Resistance: Center Conductor: 1.5 m Outer Conductor: 0.2 m Insulation Reistance: 5000 M Dielectric Withstand Voltage: 1500V For CE compliance, do not hold in hand when voltages exceed 33 Vrms / 70 Vdc. Number of Insertions: 500 cycles minimum
Model 73056 TNC Plug, 50 Ohm, Crimp Type, RG58, 141
Features
* * * * DC - 11GHz bandwidth. Connectors are precision machined. Meets interface requirements MIL-C-39012. Connector accepts cable types RG/U: 58, 141
Ordering Information
Model: 73056
Sales: 800-490-2361 Technical Support: technicalsupport@pomonatest.com Fax: 425-446-5844 Europe: 31-(0) 40 2675 150 International: 425-446-5500 Where to Buy: www.pomonaelectronics.com USA:
All dimensions are in inches. Tolerances (except noted): .xx = .02" (,51 mm), .xxx = .005" (,127 mm). All specifications are to the latest revisions. Specifications are subject to change without notice. Registered trademarks are the property of their respective companies. Copyright (c) 2009 D2018805 Rev. 001 Page 1 of 2
Model 73056
TNC Plug, 50 Ohm, Crimp Type, RG58, 141
Cable Types and Crimp Die Information
Connector Model # 73056 Cable Groups RG58, 141 Crimp Die Cavity Size for Outer Ferrule .213 (5.4)
Cable Assembly Instructions
Sales: 800-490-2361 Technical Support: technicalsupport@pomonatest.com Fax: 425-446-5844 Europe: 31-(0) 40 2675 150 International: 425-446-5500 Where to Buy: www.pomonaelectronics.com USA:
All dimensions are in inches. Tolerances (except noted): .xx = .02" (,51 mm), .xxx = .005" (,127 mm). All specifications are to the latest revisions. Specifications are subject to change without notice. Registered trademarks are the property of their respective companies. Copyright (c) 2009 D2018805 Rev. 001 Page 2 of 2


▲Up To Search▲   

 
Price & Availability of 73056

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X